PART |
Description |
Maker |
52CPQ030 |
30V 50A Schottky Discrete Diode in a TO-247AC package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
31DQ04TR 31DQ03 31DQ03TR 31DQ04 31DQ04TRG |
SCHOTTKY RECTIFIER 肖特基整流器 40V 3.3A Schottky Discrete Diode in a DO-201AD package 30V 3.3A Schottky Discrete Diode in a DO-201AD package
|
International Rectifier, Corp. IRF[International Rectifier]
|
30WQ03FN 30WQ03FNTRL 30WQ03FNTRR |
30V 3.5A Schottky Discrete Diode in a D-Pak package
|
International Rectifier
|
BT136X BT136X-500 BT136X-500F BT136X-500G BT136X-6 |
DIODE, SMD, SHOTTKY, 20V, 3A, RECTIFIER SCHOTTKY SINGLE 3A 20V 125A-Ifsm 0.5Vf 0.5A-IR SMB 3K/REEL RECTIFIER SCHOTTKY SINGLE 3A 30V 100A-Ifsm 0.5Vf 0.5A-IR SMA 5K/REEL RECTIFIER SCHOTTKY SINGLE 3A 30V 125A-Ifsm 0.5Vf 0.5A-IR SMB 3K/REEL RECTIFIER SCHOTTKY SINGLE 3A 30V 125A-Ifsm 0.5Vf 0.5A-IR SMC 3K/REEL RECTIFIER SCHOTTKY SINGLE 3A 40V 125A-Ifsm 0.5Vf 0.5A-IR SMC 3K/REEL Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|
SPB100N03S2-03 SPP100N03S2-03 SPI100N03S2-03 |
OptiMOS Power-Transistor 的OptiMOS功率晶体 Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, TO-220, RDSon = 3.3mOhm, 100A, NL Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, D2PAK, RDSon = 3.0mOhm, 100A, NL
|
INFINEON[Infineon Technologies AG]
|
IRL2203S IRL2203STRR IRL2203STRL |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A?
|
International Rectifier
|
16SCYQ030C |
16A 30V Hi-Rel Schottky Common Cathode Diode in a TO-257AA package SCHOTTKY RECTIFIER 16 Amp, 30V
|
International Rectifier
|
18TQ045 18TQ045S 18TQ035S 18TQ 18TQ035 18TQ040 18T |
45V 18A Schottky Discrete Diode in a TO-220AC package 45V 18A Schottky Discrete Diode in a D2-Pak package 40V 18A Schottky Discrete Diode in a D2-Pak package 35V 18A Schottky Discrete Diode in a D2-Pak package 35V 18A Schottky Discrete Diode in a TO-220AC package SCHOTTKY RECTIFIER CAT6 SOL PC PVC YEL 2OFT PVC SOLID PATCH CORD CAT6 SOL PC PVC YEL 30FT PVC SOLID PATCH CORD DIODE 18 A, 35 V, SILICON, RECTIFIER DIODE, TO-263AB, PLASTIC, SMD-220, D2PAK-3, Rectifier Diode 40V 18A Schottky Discrete Diode in a TO-220AC package
|
IRF[International Rectifier] Vishay Semiconductors
|
UT100N03G-Q-TA3-T UT100N03G-Q-TQ2-R UT100N03G-Q-TQ |
100A, 30V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
UT100N03G-TQ2-R UT100N03L-TA3-T UT100N03L-TM3-T UT |
100A, 30V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
IRF7526D1 IRF7526D1TR |
Co-packaged HEXFETò Power MOSFET and Schottky Diode FETKYMOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V) FETKY⑩MOSFET FETKY MOSFET & Schottky Diode(Vdss=-30V Rds(on)=0.20ohm Schottky Vf=0.39V) FETKY MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V) FETKY⑩ MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V)
|
International Rectifier, Corp. IRF[International Rectifier]
|
11DQ06 11DQ06TR 11DQ05TR 11DQ05 |
SCHOTTKY RECTIFIER 肖特基整流器 50V 1.1A Schottky Discrete Diode in a DO-204AL package 60V 1.1A Schottky Discrete Diode in a DO-204AL package
|
International Rectifier, Corp. IRF[International Rectifier]
|